PART |
Description |
Maker |
CE-3101 |
Non-insulation, 8-pin SMD type, 1.2W output DC-DC Converter DC to DC Converter, DC-DC Converter
|
TDK Electronics TDK Corporation TDK Semiconductor
|
TMC3533KRC50 TMC3533 TMC3533KRC30 TMC3533KRC80 TMC |
Triple Video D/A Converter 8 bit, 80 Msps, 3.3V TRIPLE, PARALLEL, 8 BITS INPUT LOADING, 0.015 us SETTLING TIME, 8-BIT DAC, PQCC44 From old datasheet system Triple Video D/A Converter 8 bit/ 80 Msps/ 3.3V 30MHz Triple 8-Bit 3V Video D/A Converter 50MHz Triple 8-Bit 3V Video D/A Converter 80MHz Triple 8-Bit 3V Video D/A Converter
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
BZY97-C12 BZY97-C11 BZY97-C68 BZY97-C13 BZY97-C15 |
CONVERTER DC-DC 10W 24V/15V DUAL CONVERTER DC-DC 10W 48V/3.3V SGL CONVERTER DC-DC 10W 48V/5V SGL CONVERTER DC-DC 1W 5V/12V DUAL CONVERTER DC-DC 12W 5V/15V DUAL 稳压二极 CONVERTER DC-DC 12W 5V/5V SGL 稳压二极 CONVERTER DC-DC 10W 48V/15V DUAL 稳压二极 CONVERTER DC-DC 10W 48V/5V DUAL 稳压二极 CONVERTER DC-DC 15W 48V/15V DUAL 稳压二极 CONVERTER DC-DC 6W 5V/5V SGL 稳压二极 CONVERTER DC-DC 6W 5V/12V SGL 稳压二极 CONVERTER DC-DC 20W 12V TRIPLE CONVERTER DC-DC 12W 5V/5V DUAL ZENER DIODES
|
http:// GE[General Semiconductor] GE Security, Inc.
|
ICL7104 ICL7104-14CPL ICL8052 ICL8068 LCL8052CDD L |
14-Bit/16-Bit/ Microprocessor- Compatible/ 2-Chip/ A/D Converter 14-Bit/16-Bit Microprocessor 14-Bit/16-Bit / Microprocessor- Compatible / 2-Chip / A/D Converter 14-BitMicroprocessor-Compatible,
2-Chip, A/D Converter(14位、微处理器兼容的2片A/D转换 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16位、微处理器兼容的2片ADC) 16位微处理器兼容,2芯片,A / D转换16位,微处理器兼容片ADC)的 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16浣??寰??????煎?????DC)
|
Intersil Corporation Intersil, Corp.
|
DHC2800S DHC2803SE DHC2803SH DHC2805SE DHC2805SK |
5V, 6W DC-DC converter 3.3V, 6W DC-DC converter 6W DC-DC Converter(输出功率6W,高隔离电压的DC-DC转换 6W的DC - DC转换器(输出功率6W,高隔离电压的的DC - DC转换器)
|
M.S. Kennedy Corp. M.S. Kennedy, Corp.
|
REC5-1215SRWZ REC5-1215SRW REC5-1212SRWZ REC5-1212 |
5W DC/DC converter with 68V input, -12V/ -230mA output, 2kV isolation ECONOLINE - DC/DC - CONVERTER
|
RECOM[Recom International Power] RECOM Power Inc.
|
TEN20-4812WI TEN20-4823WI TEN20-2411WI TEN20-2412W |
DC/DC Converter TEN 20WI Series 20 Watt(62.46 k) DC/DC Converter 直流/直流转换
|
TRACOPOWER[TRACO Electronic AG] TRACO[Traco Electronic AG]
|
FAWD-1205 FAWD-1205T FAWD-1212 FAWD-1212T FAWD-121 |
DC-DC Converter UNIT 10W WIDE INPUT RANGE DC-DC CONVERTER
|
Power Systems GmbH Co.KG http://
|
TVL05-1220 TVL05-1225 TVL05-1516 TVL05-1520 TYL05- |
DC/DC Converter Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes SERVSWITCH USER CABLE FOR PS2 STYLE 50 FT Input voltage range:4.75-6V, output voltage /-12V ( /-200mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-12V ( /-250/125mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-165mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-200/100mA) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO ELECTRONIC AG.
|
HT82V731 HT82V7318SOP |
Analog to Digital Converter 模数转换 Audio D/A Converter
|
HIROSE ELECTRIC Co., Ltd. HOLTEK[Holtek Semiconductor Inc]
|
TSI-5.0S4R0P TSI-20 TSI-3.3S3R0 TSI-3.3S3R0F TSI-3 |
DC/DC Converter 直流/直流转换 DC/DC Converter (TSI-20 Series 15/20 Watt)
|
TRACO ELECTRONIC AG. TRACOPOWER[TRACO Electronic AG]
|
FWD-1205 FWD-1209 FWD-1212 FWD-4805 FWD-4812 FWD-4 |
DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
|
http:// Power Systems GmbH Co.KG
|